PART |
Description |
Maker |
SC50004450 SC10002430 SC00380912 SC00560912 SC3330 |
MIS Chip Capacitors
|
Skyworks Solutions Inc.
|
SC9016-000 SC9017-000 |
FET Chip Mounting Capacitors (MIS)
|
List of Unclassifed Manufacturers ETC[ETC]
|
MS20 |
MIS/MOS Single Layer Capacitors Metal Insulator Semiconductor/Metal Oxide Semiconductor
|
AVX Corporation
|
SC10002430 SC00080912 SC02201518 SC99906068 SC0082 |
Snap-in Panel Mount Switch, Single Pole Normally Open (SPNO) Circuitry, 10 A at 277 Vac, Finger Grip Plunger Actuator, Silver Contacts, Quick Connect Termination MIS Chip Capacitors 管理信息系统贴片电容 Enclosed Switches Series LS: Side Rotary - Lever Not Included; 1NC 1NO SPDT Snap Action, Double Break; 0.5 in - 14NPT conduit; Compact/Non-Plug-in 管理信息系统贴片电容 Enclosed Switches Series LS: Side Rotary with 1.5" Fixed Length Lever; Nylon Roller; 1NC 1NO DPDT Snap Action, Double Break; 0.5 in - 14NPT conduit; Compact/Non Plug-in 管理信息系统贴片电容
|
Electronic Theatre Controls, Inc. Allegro MicroSystems, Inc.
|
CH91 VR30S CH41 CV76 VR66 CV91 3009034 CV41 CH51 V |
ESCC Qualified SMPS Capacitors High Voltage Chip/Leaded Capacitors
|
AVX Corporation
|
X8R |
Multilayer ceramic capacitors Chip capacitors
|
EPCOS AG
|
595D104X050T2T 595D105X020T2T 595D105X025A2T 595D1 |
Solid Tantalum Chip Capacitors TANTAMOUNT㈢ Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT垄莽 Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT庐 Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT? Conformal Coated, Maximum CV
|
Vishay Siliconix http://
|
TIP-N-RING |
Multilayer Ceramic Chip Capacitors, Ideal for Telephone Line (Tip `N Ring) Filtering, Replaces High Voltage, Leaded, Film Capacitors, Rated for Telecommunications Voltages, Low ESR, Wide Ban
|
Vishay
|
292D225X004R2T 292D225X010R2T 292D225X016R2T 292D2 |
Solid Tantalum Chip Capacitors, TANTAMOUNT? Lead Frameless Molded Solid Tantalum Chip Capacitors, TANTAMOUNT庐 Lead Frameless Molded Solid Tantalum Chip Capacitors, TANTAMOUNT垄莽 Lead Frameless Molded
|
Vishay Siliconix
|
GRM0225C1CR80BD05 GM022E1X0ER50E01L GM022E2C0ER50E |
Chip Monolithic Ceramioc Capacitors Chip Monolithic Ceramic Capacitors Chip Monolithic Ceramic Capacitors
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L... Murata Manufacturing Co...
|
TC901CPA TC901 TC901COA |
Dual Auto-Zeroed Operational Amplifiers The TC901 is a monolithic, auto-zeroed operational amplifier. It is a second-generation design of the TC91X CMOS chopper-stabilized op-amps with on-chip capacitors. Eliminationof the external capacitors allows the designer to increase reli
|
http:// MICROCHIP[Microchip Technology]
|